PART |
Description |
Maker |
74LCX16821 74LCX16821MEA 74LCX16821MTD 74LCX16821M |
Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs 20-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56 From old datasheet system Low Voltage 20-Bit D-Type Flip-Flops with 5V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74LCX821 74LCX821MTC 74LCX821MSA 74LCX821WM 74LCX8 |
Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs From old datasheet system 10-Bit D-Type Flip-Flop LVC/LCX/Z SERIES, 10-BIT DRIVER, TRUE OUTPUT, PDSO24
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
74VCXH162374 74VCXH162374MTD 74VCXH162374MTX |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit D-Type Flip-Flop with Bushold and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
TC74VCXH162374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
|
Toshiba Semiconductor
|
74LCXH16374_05 74LCXH16374 74LCXH16374MEA 74LCXH16 |
Low Voltage 16-Bit D-Type Flip-Flop with Bushold
|
FAIRCHILD[Fairchild Semiconductor]
|
MC74LCX16374DTR2 |
Low-Voltage CMOS 16-Bit D-Type Flip-Flop
|
ON Semiconductor
|
74LVT16374 74LVT16374MEA 74LVT16374MTD 74LVTH16374 |
Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCX32374 |
Low Voltage 32-Bit D-Type Flip-Flops From old datasheet system
|
Fairchild
|
TC74LCX16374FT |
Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|
TC74VCX162823FT |
Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
|
Toshiba Semiconductor
|